| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F722-E/P Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/P Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 7 PIC16F72X/PIC16LF72X Pin Diagrams – 40-PIN PDIP (PIC16F724/727/PIC16LF724/727) 1 2 3 4 5 6 7 8 9 10 VPP/MCLR/RE3 VCAP(3)/SS(2)/AN0/RA0 AN1/RA1 AN2/RA2 VREF/AN3/RA3 T0CKI/CPS6/RA4 VCAP (3)/SS(2)/CPS7/AN4/RA5 AN5/RE0 AN6/RE1 AN7/RE2 RB6/ICSPCLK RB5/AN13/CPS5/T1G RB4/AN11/CPS4 RB3/AN9/CPS3/CCP2(1) RB2/AN8/CPS2 RB1/AN10/CPS1 RB0/AN12/CPS0/INT VDD VSS RD2/CPS10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD VSS CLKIN/OSC1/RA7 VCAP (3)/CLKOUT/OSC2/RA6 T1CKI/T1OSO/RC0 CCP2(1)/T1OSI/RC1 CCP1/RC2 SCL/SCK/RC3 CPS8/RD0 CPS9/RD1 RC5/SDO RC4/SDI/SDA RD3/CPS11 RD4/CPS12 RC7/RX/DT RC6/TX/CK RD7/CPS15 RD6/CPS14 RD5/CPS13 RB7/ICSPDAT Note 1: CCP2 pin location may be selected as RB3 or RC1. 2: SS pin location may be selected as RA5 or RA0. 3: PIC16F724/727 devices only. |