| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8566P Fiches technique(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8566P Fiches technique(HTML) 45 Page - NXP Semiconductors |
|
45 / 48 page ![]() PCF8566_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 25 February 2009 45 of 48 NXP Semiconductors PCF8566 Universal LCD driver for low multiplex rates For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 19. Abbreviations MSL: Moisture Sensitivity Level Fig 35. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 27. Abbreviations Acronym Description CMOS Complementary Metal Oxide Semiconductor DC Direct Current HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LCD Liquid Crystal Display MM Machine Model MSL Moisture Sensitivity Level POR Power-On Reset RC Resistance and Capacitance RAM Random Access Memory RMS Root Mean Square SMD Surface Mount Device TTL Transistor-Transistor Logic |