Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8566P Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 37Page - NXP Semiconductors PCF8566P Datasheet HTML 38Page - NXP Semiconductors PCF8566P Datasheet HTML 39Page - NXP Semiconductors PCF8566P Datasheet HTML 40Page - NXP Semiconductors PCF8566P Datasheet HTML 41Page - NXP Semiconductors PCF8566P Datasheet HTML 42Page - NXP Semiconductors PCF8566P Datasheet HTML 43Page - NXP Semiconductors PCF8566P Datasheet HTML 44Page - NXP Semiconductors PCF8566P Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
41 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
16. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in
JESD625-A, IEC 61340-5 or equivalent
standards.
17. Packing information
Tray information for the PCF8566U is shown in Figure 33, Figure 35 and Table 24.
S21
38
−630
−1235
S22
39
−430
−1235
S23
40
−230
−1235
Fig 32. Alignment marks
Table 23.
Alignment marks
Symbol
X (
µm)
Y (
µm)
C1
1100
1090
C2
325
−625
F
−790
700
Table 22.
Bonding pad description …continued
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 31).
Symbol
Pad
X (
µm)
Y (
µm)
Description
REF
REF
C2
C1
REF
F
001aai300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48