Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8566P Fiches technique(PDF) 33 Page - NXP Semiconductors

No de pièce PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Fiches technique(HTML) 33 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 29Page - NXP Semiconductors PCF8566P Datasheet HTML 30Page - NXP Semiconductors PCF8566P Datasheet HTML 31Page - NXP Semiconductors PCF8566P Datasheet HTML 32Page - NXP Semiconductors PCF8566P Datasheet HTML 33Page - NXP Semiconductors PCF8566P Datasheet HTML 34Page - NXP Semiconductors PCF8566P Datasheet HTML 35Page - NXP Semiconductors PCF8566P Datasheet HTML 36Page - NXP Semiconductors PCF8566P Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
33 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
13. Application information
13.1 Cascaded operation
Large display configurations of up to sixteen PCF8566s can be recognized on the same
I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable
I2C-bus slave address (SA0).
Cascaded PCF8566s are synchronized. They can share the backplane signals from one
of the devices in the cascade. Such an arrangement is cost-effective in large LCD
applications since the backplane outputs of only one device need to be through-plated to
the backplane electrodes of the display. The other PCF8566s of the cascade contribute
additional segment outputs but their backplane outputs are left open-circuit (see
Figure 26).
Table 21.
Addressing cascaded PCF8566
Cluster
Bit SA0
Pin A2
Pin A1
Pin A0
Device
100000
0011
0102
0113
1004
1015
1106
1117
210008
0019
01010
01111
10012
10113
11014
11115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48