Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9541AD/03 Fiches technique(PDF) 38 Page - NXP Semiconductors

No de pièce PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Fiches technique(HTML) 38 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 33Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 34Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 35Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 36Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 37Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 38Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 39Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 40Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
38 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
17. Abbreviations
MSL: Moisture Sensitivity Level
Fig 30. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 20.
Abbreviations
Acronym
Description
AI
Auto Increment
CDM
Charged Device Model
DUT
Device Under Test
EEPROM
Electrically Erasable Programmable Read-Only Memory
ESD
ElectroStatic Discharge
FRU
Field Replaceable Unit
HBM
Human Body Model
I2C-bus
Inter Integrated Circuit bus
IC
Integrated Circuit
MM
Machine Model
POR
Power-On Reset
RC
Resistor-Capacitor network
SMBus
System Management Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41