| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9541AD/03 Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541AD/03 Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 41 page ![]() PCA9541A_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 16 July 2009 21 of 41 NXP Semiconductors PCA9541A 2-to-1 I2C-bus master selector with interrupt logic and reset 9.5 Bus transactions Remark: If a third data byte is sent, it will not be acknowledged by the PCA9541A. Remark: If a fourth data byte is read, the first register will be accessed. Fig 13. Write to the Interrupt Enable and Control registers using the Auto-Increment (AI) bit 002aab607 1 1 1 A3 A2 A1 A0 0 slave address R/W S START condition A acknowledge from slave 00010000 command code register auto increment A acknowledge from slave A P STOP condition A acknowledge from slave acknowledge from slave data Interrupt Enable (IE) register data control register (CONTROL) (1) xx = 00: Interrupt Enable register xx = 01: Control register xx = 10: INT register (2) xx = 00: Control register xx = 01: INT register xx = 10: Interrupt Enable register (3) xx = 00: INT register xx = 01: Interrupt Enable register xx = 10: Control register Fig 14. Read the 3 registers using the Auto-Increment (AI) bit 002aab608 1 1 1 A3 A2 A1 A0 0 slave address R/W S START condition A acknowledge from slave 000100 x x command code register access to register xx = 00, 01, or 10 auto increment A acknowledge from slave A P STOP condition A no acknowledge from master acknowledge from master (1) (2) Sr re-START condition 1 1 1 A3 A2 A1 A0 1 slave address R/W A acknowledge from slave A acknowledge from master (3) |