Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9541AD/03 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 19Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 20Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 21Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 22Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 23Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 24Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 25Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 26Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
23 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
(1) We assume that a read of the Control register was done by MASTER 0 before this sequence and that 000x 0101 was read
(MASTER 1 controlling the bus).
Fig 16. Write to the Control register and switch from Channel 1 to Channel 0 (bus recovery/initialization not
requested)
002aab610
1
1
1 A3 A2 A1 A0 0
slave address
R/W
S
START condition
A
acknowledge
from slave
000 AI 0001
command code register
auto
increment
A
acknowledge
from slave
P
STOP
condition
A
data Control register
SDA_MST0(1)
0
0
0
0
0
1
0
0
After the STOP condition MASTER 1
is disconnected from the downstream
channel, and MASTER 0 is connected to
the downstream channel.
SCL_MST0
if the interrupt is not masked
(BUSLOSTMSK = 0)
INT1
INT0
if MASTER 1 was not idle at the switching moment
and the interrupt is not masked (BUSINITMSK = 0)
MASTER 0 has control of the bus
MASTER 1 has control of the bus
MASTER 0 must wait for the 'bus free time' value
(between STOP and START) defined in the I2C-bus specification
before sending commands to the downstream devices.
acknowledge
from slave
BUSINIT
BUSON
MYBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41