Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC915FDH Fiches technique(PDF) 71 Page - NXP Semiconductors

No de pièce P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Fiches technique(HTML) 71 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 67Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 68Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 69Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 70Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 71Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 72Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 73Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 74Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 75Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
71 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
15. Abbreviations
Table 21.
Acronym list
Acronym
Description
ADC
Analog to Digital Converter
CPU
Central Processing Unit
CCU
Capture/Compare Unit
DAC
Digital to Analog Converter
EPROM
Erasable Programmable Read-Only Memory
EEPROM
Electrically Erasable Programmable Read-Only Memory
EMI
ElectroMagnetic Interference
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
RAM
Random Access Memory
RC
Resistance-Capacitance
RTC
Real-Time Clock
SAR
Successive Approximation Register
SFR
Special Function Register
SPI
Serial Peripheral Interface
UART
Universal Asynchronous Receiver/Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75