Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC915FDH Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Fiches technique(HTML) 5 Page - NXP Semiconductors

  P89LPC915FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
5 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Fig 2.
P89LPC916 block diagram
2 kB CODE FLASH
I2C
CIN2B
CIN2A
CIN1A
CIN1B
CMPREF
P2[5:2]
P1.5, P1[3:0]
P0[5:1]
TXD
RXD
SCL
AD10
AD11
AD12
AD13
T0
SPI
MOSI
MISO
SPICLK
P89LPC916
002aaa823
SS
256 BYTE DATA RAM
PORT 2
CONFIGURABLE I/O
PORT 1
CONFIGURABLE I/O
PORT 0
CONFIGURABLE I/O
KEYPAD INTERRUPT
WATCHDOG TIMER
AND OSCILLATOR
PROGRAMMABLE
OSCILLATOR DIVIDER
ON-CHIP RC
OSCILLATOR
external clock
input
CPU clock
internal bus
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
UART
ADC1/DAC1
REAL TIME CLOCK/
SYSTEM TIMER
TIMER 0
TIMER 1
ANALOG
COMPARATORS
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
SDA
DAC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75