Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC1114FA44/301 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce LPC1114FA44/301
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114FA44/301 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button LPC1114FA44/301 Datasheet HTML 35Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 36Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 37Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 38Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 39Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 40Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 41Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 42Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
39 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
Conditions: VDD = 3.3 V; on pins PIO0_4 and PIO0_5.
Fig 14. I2C-bus pins (high current sink): Typical LOW-level output current IOL versus
LOW-level output voltage VOL
Conditions: VDD = 3.3 V; standard port pins and PIO0_7.
Fig 15. Typical LOW-level output current IOL versus LOW-level output voltage VOL
VOL (V)
0
0.6
0.4
0.2
002aaf019
20
40
60
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C
VOL (V)
0
0.6
0.4
0.2
002aae991
5
10
15
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com