Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2127AT/1 Fiches technique(PDF) 54 Page - NXP Semiconductors

No de pièce PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Fiches technique(HTML) 54 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 50Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 51Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 52Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 53Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 54Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 55Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 56Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 57Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
54 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
9.
Interfaces
The PCF2127A has a selectable I2C-bus or SPI-bus interface. The selection is done using
the interface selection pin IFS (see Table 56).
Table 56.
Interface selection input pin IFS
Pin
Connection
Bus interface
Reference
IFS
VSS
SPI-bus
Section 9.1
BBS
I2C-bus
Section 9.2
To select the SPI-bus interface, pin IFS has to be
connected to pin VSS.
To select the I2C-bus interface pin IFS has to be
connected to pin BBS.
a. SPI-bus interface selection
b. I2C-bus interface selection
Fig 33. Interface selection
001aaj679
1
VDD
BBS
SCL
CE
20
PCF2127A
2
SDI
19
3
SDO
18
4
SDA/CE
17
5
IFS
16
615
714
8
VSS
13
912
10
11
SDO
SDI
SCL
VDD
VSS
001aaj680
1
VDD
BBS
SCL
20
PCF2127A
2
SDI
19
3
SDO
18
4
SDA/CE
17
5
IFS
16
615
714
8
VSS
VSS
13
SDA
SCL
RPU
RPU
VDD
912
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80