Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2127AT/1 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCF2127AT/1 Datasheet HTML 1Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 2Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 3Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 4Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 5Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 6Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
2 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
Automatic leap year correction
3.
Applications
Electronic metering for electricity, water, and gas
Timekeeping instruments with high precision
GPS equipment to reduce time to first fix
Applications that require an accurate process timing
Products with long automated unattended operation time
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number Package
Name
Description
Version
PCF2127AT/1 SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
Table 2.
Marking codes
Type number
Marking code
PCF2127AT/1
PCF2127AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80