| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2127AT/1 Fiches technique(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT/1 Fiches technique(HTML) 40 Page - NXP Semiconductors |
|
40 / 80 page ![]() PCF2127A_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 7 May 2010 40 of 80 NXP Semiconductors PCF2127A Integrated RTC, TCXO and quartz crystal The following tables show what instruction must be sent to clear the appropriate flag. [1] The bits labeled as - have to be rewritten with the previous values. [1] The bits labeled as - have to be rewritten with the previous values. [1] The bits labeled as - have to be rewritten with the previous values. [1] The bits labeled as - have to be rewritten with the previous values. Table 40. Example values in register Control_2 Register Bit 7 6 5 4 3 2 1 0 Control_2 101 11000 Table 41. Example to clear only CDTF (bit 3) in register Control_2 Register Bit 7 6 5 4 3 2 1 0 Control_2 1 0 1 1 0 -[1] -[1] -[1] Table 42. Example to clear only AF (bit 4) in register Control_2 Register Bit 7 6 5 4 3 2 1 0 Control_2 1 0 1 0 1 0[1] 0[1] 0[1] Table 43. Example to clear only MSF (bit 7) in register Control_2 Register Bit 7 6 5 4 3 2 1 0 Control_2 0 0 1 1 1 0[1] 0[1] 0[1] Table 44. Example to clear both CDTF and MSF in register Control_2 Register Bit 7 6 5 4 3 2 1 0 Control_2 0 0 1 1 0 0[1] 0[1] 0[1] |