| Moteur de recherche de fiches techniques de composants électroniques |
|
H5GQ1H24AFR-R0C Fiches technique(PDF) 118 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C Fiches technique(HTML) 118 Page - Hynix Semiconductor |
|
118 / 173 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.0 /Nov. 2009 118 H5GQ1H24AFR Figure 76. DVS Sequence CK# CK CMD SRE NOP T0 T1 T2 Ta0 Tb2 Tb0 Tb1 Td0 SRX PREA Valid NOP tCPDED CKE# NOP tCKSRE tCKSRX tRP Tc0 Enter Self‐Refresh Mode Exit Self‐ Refresh Mode tXSNRW tXSRW tRDSRE or tWRSRE Self refresh exit requires WCK2CK training prior to any WRITE or READ operation At least one REFRESH command shall be issued after tXSNRW for output driver and termination impedance updates NOP Donʹt Care Voltage ramp tVS VDD, VDDQ Voriginal Vnew VSS, VSSQ Voriginal > Vnew shown as an example of a voltage change |