Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ1H24AFR-R0C Fiches technique(PDF) 64 Page - Hynix Semiconductor

No de pièce H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Fiches technique(HTML) 64 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 68Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
64
H5GQ1H24AFR
Figure 34 and Figure 35 illustrate the timings associated with the Command and Address input as well as 
Data input.
Figure 34. Command and Address Input Timings
Figure 35. Data Input Timings
CK#
CK
tCH
tCL
tCK
COMMAND
tCMDS
tCMDPW
ADDRESS
tAH
tCMDH
tAPW
tAPW
tAS
tAH
tAS
Donʹt Care
tDIPW
tDIPW
tDIVW
tDIVW
tWCK2DQI
tWCK2DQI
DQ/DBI#
WCK#
WCK
(1 Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More