Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ1H24AFR-R0C Fiches technique(PDF) 87 Page - Hynix Semiconductor

No de pièce H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Fiches technique(HTML) 87 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 83Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 84Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 85Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 86Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 87Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 88Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 89Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 90Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 91Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
87
H5GQ1H24AFR
A WRITE can be issued any time after a READ command as long as the bus turn around time tRTW is met. 
If that WRITE command is to another bank, then an ACTIVE command must precede the second WRITE 
command and tRCDWR also must be met. 
A PRECHARGE can also be issued to the GDDR5 SGRAM with the same timing restriction as the new 
READ command if tRAS is met. After the PRECHARGE command, a subsequent command to the same 
bank cannot be issued until tRP is met.
The data inversion flag is driven on the DBI# pin to identify whether the data is true or inverted data. If 
DBI# is HIGH, the data is not inverted, and if LOW it is inverted. READ Data Inversion can be enabled 
(A8=0) or disabled (A8=1) using RDBI in MR1. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More