Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ1H24AFR-R0C Fiches technique(PDF) 79 Page - Hynix Semiconductor

No de pièce H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Fiches technique(HTML) 79 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 75Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 76Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 77Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 78Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 79Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 80Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 81Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 82Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 83Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
79
H5GQ1H24AFR
 5.8. WRITE DATA MASK (DM)
The traditional method of using a DM pin for WRITE data mask must be abandoned for a new method. 
Due to the high data rate of GDDR5 SGRAMs, bit errors are expected on the interface and are not recover‐
able when they occur on the traditional DM pin.
In GDDR5 the DM is sent to the SGRAM over the address following the bank/column address cycle associ‐
ated with the command, during the NOP/DESELECT commands between the WRITE command and the 
next command. The DM is used to mask the corresponding data according to the following table.
Two additional WRITE commands that augment the traditional WRITE Without Mask (WOM) are 
required for proper DM support:
•WDM: WRITE‐With‐Doublebyte‐Mask: 
2 cycle command where the 1st cycle carries address information and the 2nd cycle carries data mask 
information (2 byte granularity);
Table 17: DM State
FUNCTION
DM 
Value
DQ
Write Enable
0
Valid
Write Inhibit
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More