Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8533U/2/F2 Fiches technique(PDF) 36 Page - NXP Semiconductors

No de pièce PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Fiches technique(HTML) 36 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 32Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 33Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 34Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 35Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 36Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 37Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 38Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 39Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
36 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
S30
48
837.60
594.40
LCD segment output
S31
49
757.60
594.40
S32
50
677.60
594.40
S33
51
597.60
594.40
S34
52
437.60
594.40
S35
53
357.60
594.40
S36
54
277.60
594.40
S37
55
197.60
594.40
S38
56
117.60
594.40
S39
57
37.60
594.40
S40
58
−42.40
594.40
S41
59
−122.40
594.40
S42
60
−202.40
594.40
S43
61
−282.40
594.40
S44
62
−362.40
594.40
S45
63
−442.40
594.40
S46
64
−602.40
594.40
S47
65
−682.40
594.40
S48
66
−762.40
594.40
S49
67
−842.40
594.40
S50
68
−922.40
594.40
S51
69
−1002.40 594.40
S52
70
−1082.40 594.40
S53
71
−1162.40 594.40
S54
72
−1242.40 594.40
S55
73
−1322.40 594.40
S56
74
−1402.40 594.40
S57
75
−1562.40 594.40
S58
76
−1642.40 594.40
S59
77
−1722.40 594.40
S60
78
−1802.40 594.40
S61
79
−1882.40 594.40
S62
80
−1962.40 594.40
S63
81
−2042.40 594.40
S64
82
−2122.40 594.40
S65
83
−2202.40 594.40
S66
84
−2282.40 594.40
Table 22.
Bump locations
All x/y coordinates represent the position of the centre of each bump with respect to the center
(x/y = 0) of the chip; see Figure 25.
Symbol
Bump
X (
μm)
Y (
μm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45