Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8533U/2/F2 Fiches technique(PDF) 35 Page - NXP Semiconductors

No de pièce PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Fiches technique(HTML) 35 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 31Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 32Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 33Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 34Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 35Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 36Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 37Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 38Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
35 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
A0
10
249.20
−594.40
subaddress input
A1
11
379.20
−594.40
A2
12
581.20
−594.40
SA0
13
711.20
−594.40
I2C-bus slave address input; bit 0
VSS
14
841.20
−594.40
ground supply voltage
VLCD
15
1099.60
−594.40
LCD supply voltage
BP2
16
1277.60
−594.40
LCD backplane output
BP0
17
1357.60
−594.40
S0
18
1437.60
−594.40
S1
19
1517.60
−594.40
S2
20
1597.60
−594.40
S3
21
1677.60
−594.40
S4
22
1757.60
−594.40
S5
23
1837.60
−594.40
S6
24
1917.60
−594.40
S7
25
1997.60
−594.40
S8
26
2077.60
−594.40
S9
27
2157.60
−594.40
S10
28
2237.60
−594.40
S11
29
2317.60
−594.40
LCD segment output
S12
30
2357.60
594.40
S13
31
2277.60
594.40
S14
32
2197.60
594.40
S15
33
2117.60
594.40
S16
34
2037.60
594.40
S17
35
1957.60
594.40
S18
36
1877.60
594.40
S19
37
1797.60
594.40
S20
38
1717.60
594.40
S21
39
1637.60
594.40
S22
40
1557.60
594.40
S23
41
1477.60
594.40
S24
42
1317.60
594.40
S25
43
1237.60
594.40
S26
44
1157.60
594.40
S27
45
1077.60
594.40
S28
46
997.60
594.40
S29
47
917.60
594.40
Table 22.
Bump locations
All x/y coordinates represent the position of the centre of each bump with respect to the center
(x/y = 0) of the chip; see Figure 25.
Symbol
Bump
X (
μm)
Y (
μm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45