Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8533U/2/F2 Fiches technique(PDF) 31 Page - NXP Semiconductors

No de pièce PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Fiches technique(HTML) 31 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 27Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 28Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 29Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 30Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 31Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 32Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 33Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 34Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
31 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
13. Application information
13.1 Cascaded operation
Large display configurations of up to sixteen PCF8533s can be recognized on the same
I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable
I2C-bus slave address (SA0).
Cascaded PCF8533s are synchronized. They can share the backplane signals from one
of the devices in the cascade. Such an arrangement is cost-effective in large LCD
applications since the backplane outputs of only one device need to be through-plated to
the backplane electrodes of the display. The other PCF8533s of the cascade contribute
additional segment outputs but their backplane outputs are left open-circuit (see
Figure 22).
Table 18.
Addressing cascaded PCF8533
Cluster
Bit SA0
Pin A2
Pin A1
Pin A0
Device
100
000
0
011
0
102
0
113
1
004
1
015
1
106
1
117
210
008
0
019
0
1010
0
1111
1
0012
1
0113
1
1014
1
1115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45