Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3524 Fiches technique(PDF) 39 Page - ams AG

No de pièce AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Fiches technique(HTML) 39 Page - ams AG

Back Button AS3524 Datasheet HTML 35Page - ams AG AS3524 Datasheet HTML 36Page - ams AG AS3524 Datasheet HTML 37Page - ams AG AS3524 Datasheet HTML 38Page - ams AG AS3524 Datasheet HTML 39Page - ams AG AS3524 Datasheet HTML 40Page - ams AG AS3524 Datasheet HTML 41Page - ams AG AS3524 Datasheet HTML 42Page - ams AG AS3524 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
39
- 124
5.3.2 Watchdog Unit
The watchdog unit provides a way of recovering from software crashes. The watchdog clock is used to generate a
regular interrupt (WDOGINT), depending on a programmed value. The watchdog monitors the interrupt and asserts a
reset signal (WDOGRES) if the interrupt remains unserviced for the entire programmed period. You can enable or
disable the watchdog unit as required.
Clock reference for the watchdog is PCLK divided by 256.
Figure 16 watchdog unit
5.3.2.1
Watchdog register descriptions
Table 19 Watchdog Registers
Register Name
Base Address
Offset
Note
WDT_LOAD
AS3525_WDT_BASE
0x00
load register
WDT_VALUE
AS3525_WDT_BASE
0x04
counter current value
WDT_CONTROL
AS3525_WDT_BASE
0x08
control register
WDT_INTCLR
AS3525_WDT_BASE
0x0C
Interrupt clear register
WDT_RIS
AS3525_WDT_BASE
0x10
Raw interrupt status register
WDT_MIS
AS3525_WDT_BASE
0x14
Masked interrupt status register
WDT_LOCK
AS3525_WDT_BASE
0xC00
Lock register
WDT_PERIPHID0
AS3525_WDT_BASE
0xFE0
Watchdog peripheral ID 0 register
WDT_PERIPHID1
AS3525_WDT_BASE
0xFE4
Watchdog peripheral ID 1 register
WDT_PERIPHID2
AS3525_WDT_BASE
0xFE8
Watchdog peripheral ID 2 register
WDT_PERIPHID3
AS3525_WDT_BASE
0xFEC
Watchdog peripheral ID 3 register
WDT_PCELLID0
AS3525_WDT_BASE
0xFF0
Watchdog primecell ID 0 register
WDT_PCELLID1
AS3525_WDT_BASE
0xFF4
Watchdog primecell ID 1 register
WDT_PCELLID2
AS3525_WDT_BASE
0xFF8
Watchdog primecell ID 2 register
WDT_PCELLID3
AS3525_WDT_BASE
0xFFC
Watchdog primecell ID 3 register
Watchdog load register, WdogLoad
This is a 32-bit register containing the value from which the counter is to decrement. When this register is written to, the count is immediately
restarted from the new value. The minimum valid value for WdogLoad is one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More