Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3524 Fiches technique(PDF) 70 Page - ams AG

No de pièce AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Fiches technique(HTML) 70 Page - ams AG

Back Button AS3524 Datasheet HTML 66Page - ams AG AS3524 Datasheet HTML 67Page - ams AG AS3524 Datasheet HTML 68Page - ams AG AS3524 Datasheet HTML 69Page - ams AG AS3524 Datasheet HTML 70Page - ams AG AS3524 Datasheet HTML 71Page - ams AG AS3524 Datasheet HTML 72Page - ams AG AS3524 Datasheet HTML 73Page - ams AG AS3524 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
70
- 124
Table 48 NAF interrupt mask register
Name
Base
Default
NAFMask
AS3525_NAND_FLASH_BASE
0x0018
Interrupt Mask Register
Offset 0x0018
The NAFMask register is used to mask/enable the internal interrupt requests.
Bit
Bit Name
Default
Access
Bit Description
6
mask6
0x1
R/W
Mask ‘FIFO error indication’ interrupt request
0: enable
1: masked
5
mask5
0x1
R/W
Mask ‘FIFO full indication’ interrupt request
0: enable
1: masked
4
mask4
0x1
R/W
Mask ‘FIFO high indication’ interrupt request
0: enable
1: masked
3
mask3
0x1
R/W
Mask ‘FIFO low indication’ interrupt request
0: enable
1: masked
2
mask2
0x1
R/W
Mask ‘NAFWords empty and Controller ready indication’
interrupt request
0: enable
1: masked
1
mask1
0x1
R/W
Mask ‘Read/write strobe ready indication’ interrupt request
0: enable
1: masked
0
mask0
0x1
R/W
Mask ‘NAND flash ready indication’ interrupt request
0: enable
1: masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More