Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3524 Fiches technique(PDF) 95 Page - ams AG

No de pièce AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Fiches technique(HTML) 95 Page - ams AG

Back Button AS3524 Datasheet HTML 91Page - ams AG AS3524 Datasheet HTML 92Page - ams AG AS3524 Datasheet HTML 93Page - ams AG AS3524 Datasheet HTML 94Page - ams AG AS3524 Datasheet HTML 95Page - ams AG AS3524 Datasheet HTML 96Page - ams AG AS3524 Datasheet HTML 97Page - ams AG AS3524 Datasheet HTML 98Page - ams AG AS3524 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
95
- 124
Clock Constraining
Different clocks are constraint to different maximum clock speeds. As the clock frequencies can be set by software, care must be taken not to
exceed these maximum clock frequencies.
Table 739 Clock Constraining
Clock Domain
Max. Freq. [MHz]
Description
FCLK
250
Processor Clock
PCLK
65
AHB/APB bus clock
MPMC_CLK
90
MPMC (external memory interface) clock
I2SI MCLK
65
I2S input interface master clock
I2SO MCLK
30
I2S output interface master clock
USB CLK
48
USB interface clock
IDE CLK
90
IDE interface clock
MS CLK
40
Memory Stick Interface clock
Figure 40 Clock Generation Unit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More