Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM320HAY30TR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce LSM320HAY30TR
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30TR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button LSM320HAY30TR Datasheet HTML 34Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 35Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 36Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 37Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 38Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 39Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 40Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 41Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LSM320HAY30
Package information
Doc ID 16917 Rev 1
39/42
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 11.
LGA-28: mechanical data and package dimensions
Dim.
mm
Min.
Typ.
Max.
A1
1.1
A2
0.855
A3
0.2
D1
4.25
4.4
4.55
E1
7.25
7.5
7.55
N1
0.3
L1
5.4
L2
1.8
P2
1.2
T1
0.6
T2
0.4
M
0.1
d
0.3
k
0.05
h
0.1
LGA-28L (4.4x7.5x1.1mm)
Land Grid Array Package
Outline and
8190050A
E1
A1
L1
T2
T1
B
E
D
A
 k
 k D
 k E
 K
 h C
C
Pin 1 Indicator
TOP VIEW
Seating
Plane
N1
==
A3
A2
 k
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42