| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM320HAY30TR Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM320HAY30TR Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 42 page ![]() Mechanical and electrical specifications LSM320HAY30 10/42 Doc ID 16917 Rev 1 2 Mechanical and electrical specifications 2.1 Mechanical characteristics @ Vdd=3,0 V, T=25 °C unless otherwise noted.(a) a. The product is factory calibrated at 3.0 V. The operational power supply range is from 2.7 V to 3.6 V. Table 2. Mechanical characteristics Symbol(1) Parameter Test conditions Min. Typ.(2) Max. Unit LA_FS Linear acceleration measurement range(3) FS bit set to 00 ±2.0 g FS bit set to 01 ±4.0 FS bit set to 11 ±8.0 AR_FS Angular rate measurement range 4x OUT (amplified) ±300 dps OUT (not amplified) ±1200 LA_So Linear acceleration sensitivity FS bit set to 00 (12 bit) 0.9 1 1.1 mg/digit FS bit set to 01 (12 bit) 1.8 2 2.2 FS bit set to 11 (12 bit) 3.5 3.9 4.3 AR_So Angular rate sensitivity(4) 4x OUT (amplified) 3.33 mV/dps OUT (not amplified) 0.83 mV/dps LA_TCSo Linear acceleration sensitivity change vs. temperature FS bit set to 00 ±0.01 %/°C AR_TCSo Angular rate sensitivity change vs temperature Delta from 25°C 0.07 %/°C LA_TyOff Linear acceleration typical zero- g level offset accuracy(5),(6) FS bit set to 00 ±20 mg LA_TCOff Linear acceleration zero- g level change vs. temperature Max delta from 25°C ±0.1 mg/°C AR_Zrl Zero-rate level(6) 1.5 V AR_Vref Reference voltage 1.5 V AR_TCZrl Angular rate zero-rate level change vs. temperature Max delta from 25°C ±0.05 dps/°C LA_An Linear acceleration noise density FS bit set to 00 218 µg/ √Hz AR_Rn Angular rate noise density 0.02 dps/ √Hz AR_NL Angular rate non linearity Best fit straight line ±1 % FS LA_BW Linear acceleration bandwidth(7) ODR/2 Hz AR_BW Angular rate bandwidth(8) 140 Hz LA_ST Linear acceleration self-test output change(9),(10),(11) FS bit set to 00 X axis +500 LSb FS bit set to 00 Y axis -500 LSb FS bit set to 00 Z axis +600 LSb |