Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM320HAY30TR Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce LSM320HAY30TR
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30TR Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button LSM320HAY30TR Datasheet HTML 15Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 16Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 17Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 18Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 19Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 20Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 21Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 22Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
LSM320HAY30
Application hints
Doc ID 16917 Rev 1
19/42
5.3
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42