| Moteur de recherche de fiches techniques de composants électroniques |
|
AT697F Fiches technique(PDF) 131 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F Fiches technique(HTML) 131 Page - ATMEL Corporation |
|
131 / 155 page ![]() AT697F ADVANCE INFORMATION 131 7703C–AERO–6/09 t27 0 PIO[15:0] hold time during load SDCLK + t28 PIO[15:0] hold time during write SDCLK + t101 30 PCI_CLK Period t102 13.5 PCI_CLK Low and High pulse width t110 2 12 A/D[31:0] and C/BE[3:0] output delay PCI_CLK + t111 7 A/D[31:0] and C/BE[3:0] setup time PCI_CLK + t112 0 A/D[31:0] and C/BE[3:0] hold time PCI_CLK + t113 2 11 FRAME*, PAR, PERR*, SERR*, STOP* and DEVSEL* output delay PCI_CLK + t114 2 11 IRDY* and TRDY* output delay PCI_CLK + t115 2 12 REQ* output delay PCI_CLK + t116 7 FRAME*, LOCK*, PAR, PERR*, SERR*, IDSEL*, STOP* and DEVSEL* setup time PCI_CLK + t117 7 IRDY* and TRDY* setup time PCI_CLK + t118 10 GNT* setup time PCI_CLK + t119 0 FRAME*, LOCK*, PAR, PERR*, SERR*, IDSEL*, STOP* and DEVSEL* hold time PCI_CLK + t120 0 IRDY* and TRDY* hold time PCI_CLK + t121 0 GNT* hold time PCI_CLK + Parameter Min (ns) Max (ns) Comment Reference edge (‘+’ for rising edge) |