| Moteur de recherche de fiches techniques de composants électroniques |
|
AT697F Fiches technique(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F Fiches technique(HTML) 25 Page - ATMEL Corporation |
|
25 / 155 page ![]() AT697F ADVANCE INFORMATION 25 7703C–AERO–6/09 Interrupt Priority The 15 interrupts handled by the AT697F are prioritised, with interrupt 15 (TT = 0x1F) having the highest priority and interrupt 1 (TT = 0x11) the lowest. It is possible to change the priority level of an interrupt using the two priority levels from the inter- rupt mask and priority register (ITMP). Each interrupt can be assigned to one of two levels as programmed in the Interrupt mask and priority register. Level 1 has higher priority than level 0. Within each level the interrupts are prioritised. |