Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM7X512 Fiches technique(PDF) 55 Page - ATMEL Corporation

No de pièce AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Fiches technique(HTML) 55 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 51Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 52Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 53Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 54Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 55Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 56Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 57Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 58Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 687 page
background image
55
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
12.5.5
ID Code Register
Access: Read-only
• VERSION[31:28]: Product Version Number
Set to 0x0.
• PART NUMBER[27:12]: Product Part Number
AT91SAM7X512: 0x5B18
AT91SAM7X256: 0x5B17
AT91SAM7X128: 0x5B16
• MANUFACTURER IDENTITY[11:1]
Set to 0x01F.
Bit[0] Required by IEEE Std. 1149.1.
Set to 0x1.
AT91SAM7X512: JTAG ID Code value is 05B1_803F
AT91SAM7X256: JTAG ID Code value is 05B1_703F
AT91SAM7X128: JTAG ID Code value is 05B1_303F
31
30
29
28
27
26
25
24
VERSION
PART NUMBER
23
22
21
20
19
18
17
16
PART NUMBER
15
14
13
12
11
10
9
8
PART NUMBER
MANUFACTURER IDENTITY
76
543210
MANUFACTURER IDENTITY
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More