Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM7X512 Fiches technique(PDF) 79 Page - ATMEL Corporation

No de pièce AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Fiches technique(HTML) 79 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 75Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 76Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 77Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 78Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 79Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 80Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 81Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 82Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 687 page
background image
79
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
15. Periodic Interval Timer (PIT)
15.1
Overview
The Periodic Interval Timer (PIT) provides the operating system’s scheduler interrupt. It is
designed to offer maximum accuracy and efficient management, even for systems with long
response time.
15.2
Block Diagram
Figure 15-1. Periodic Interval Timer
20-bit
Counter
MCK/16
PIV
PIT_MR
CPIV
PIT_PIVR
PICNT
12-bit
Adder
0
0
read PIT_PIVR
CPIV
PICNT
PIT_PIIR
PITS
PIT_SR
set
reset
PITIEN
PIT_MR
pit_irq
1
0
1
0
MCK
Prescaler
= ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More