Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM7X512 Fiches technique(PDF) 52 Page - ATMEL Corporation

No de pièce AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Fiches technique(HTML) 52 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 48Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 49Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 50Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 51Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 52Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 53Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 54Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 55Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 687 page
background image
52
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
96
PB15/ERXDV/ECRSDV
IN/OUT
INPUT
95
OUTPUT
94
CONTROL
93
PB17/ERXCK/SPI0_NPCS3
IN/OUT
INPUT
92
OUTPUT
91
CONTROL
90
PB7/ERXER
IN/OUT
INPUT
89
OUTPUT
88
CONTROL
87
PB12/ETXER/TCLK0
IN/OUT
INPUT
86
OUTPUT
85
CONTROL
84
PB0/ETXCK/EREFCK/PCK0
PB0/ETXCK/ERE
FCK/PCK0
INPUT
83
OUTPUT
82
CONTROL
81
PB1/ETXEN
PB1/ETXEN
INPUT
80
OUTPUT
79
CONTROL
78
PB2/ETX0
PB2/ETX0
INPUT
77
OUTPUT
76
CONTROL
75
PB3/ETX1
PB3/ETX1
INPUT
74
OUTPUT
73
CONTROL
72
PB10/ETX2/SPI1_NPCS1
IN/OUT
INPUT
71
OUTPUT
70
CONTROL
69
PB11/ETX3/SPI1_NPCS2
IN/OUT
INPUT
68
OUTPUT
67
CONTROL
66
PA19/CANRX
IN/OUT
INPUT
65
OUTPUT
64
CONTROL
Table 12-2.
AT91SAM7X JTAG Boundary Scan Register (Continued)
Bit
Number
Pin Name
Pin Type
Associated BSR
Cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More