| Moteur de recherche de fiches techniques de composants électroniques |
|
EM68932DVKB Fiches technique(PDF) 36 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB Fiches technique(HTML) 36 Page - Etron Technology, Inc. |
|
36 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 36 Rev. 1.0 Aug. 2009 Figure 29. Interrupting Write to Read Don’t Care WRITE NOP NOP READ NOP NOP BA, Col b BA, Col n DQS DQ CK CK (1) DI b = Data In to column b. DO n = Data Out from column n. (2) An interrupted burst of 4 is shown, 2 data elements are written. 3 subsequent elements of Data In are applied in the programmed order following DI b. (3) tWTR is referenced from the positive clock edge after the last Data In pair. (4) A10 is LOW with the WRITE command (Auto Precharge is disabled) (5) The READ and WRITE commands are to the same device but not necessarily to the same bank. DI b DM tDQSS max Command Address tWTR CL = 3 NOP Figure 30. Non Interrupting Write to Precharge Don’t Care WRITE NOP NOP NOP NOP PRE BA, Col b BA a (or all) CK CK (1) DI b = Data In to column b. 3 subsequent elements of Data In are applied in the programmed order following DI b. (2) A non-interrupted burst of 4 is shown. (3) tWR is referenced from the positive clock edge after the last Data in pair. (4) A10 is LOW with the WRITE command (Auto Precharge is disabled) DI b Command Address DQS DQ DM tDQSS max tWR |