| Moteur de recherche de fiches techniques de composants électroniques |
|
EM68932DVKB Fiches technique(PDF) 26 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB Fiches technique(HTML) 26 Page - Etron Technology, Inc. |
|
26 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 26 Rev. 1.0 Aug. 2009 Figure 16. Non-Consecutive Read Bursts CL = 2 Don’t Care READ NOP NOP READ NOP NOP BA, Col n BA, Col b CL = 3 Command Address DQS DQ DQS DQ CK CK (1) DO n (or b) = Data Out from column n (or column b) (2) BA Col n (b) = Bank A, Column n (b) (3) Burst Length = 4; 3 subsequent elements of Data Out appear in the programmed order following DO n (b) (4) Shown with nominal tAC, tDQSCK and tDQSQ DO n DO b DO n Figure 17. Random Read Bursts CL = 2 Don’t Care DO n DO n’ DO x READ READ READ READ NOP NOP BA, Col n BA, Col x BA, Col b BA, Col g CL = 3 DO n DO n’ DO x Command Address DQS DQ DQS DQ CK CK (1) DO n, etc. = Data Out from column n, etc. n’, x’, etc. = Data Out elements, according to the programmed burst order (2) BA, Col n = Bank A, Column n (3) Burst Length = 2, 4 or 8 in cases shown (if burst of 4 or 8 , the burst is interrupted) (4) Reads are to active rows in any banks DO b’ DO g’ DO g DO b’ DO b DO x’ DO x’ DO b |