| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2119AU/2DA/2 Fiches technique(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 Fiches technique(HTML) 73 Page - NXP Semiconductors |
|
73 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 73 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 18. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. DB1 161 +745 −1954 8-bit bidirectional data bus; bit 1 DB2 162 +745 −1744 8-bit bidirectional data bus; bit 2 DB3/SA0 163 +745 −1534 8-bit bidirectional data bus; bit 3 DB4 164 +745 −1324 8-bit bidirectional data bus; bit 4 DB5 165 +745 −1114 8-bit bidirectional data bus; bit 5 DB6 166 +745 −904 8-bit bidirectional data bus; bit 6 DB7 167 +745 −694 8-bit bidirectional data bus; bit 7 OSC 168 +745 −484 oscillator or external clock input Table 46. Alignment mark location All X and Y coordinates are referenced to the center of the chip (dimensions in µm). Symbol Pin X Y AM1 - +745 −2689 AM2 - +745 +2561 AM3 - −745 +3681 AM4 - −745 −3599 Table 45. Pin location …continued All X and Y coordinates are referenced to the center of the chip (dimensions in µm). Symbol Pin X Y Description |