| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2119AU/2DA/2 Fiches technique(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 Fiches technique(HTML) 59 Page - NXP Semiconductors |
|
59 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 59 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 4 Entry_mode_set sets mode to increment the address by 1 and to shift the cursor to the right at the time of the write to the DDRAM/CGRAM; display is not shifted 0000000110 5 Write_data to CGRAM/DDRAM writes ‘P’; the DDRAM has already been selected by initialization at power-on; the cursor is incremented by 1 and shifted to the right 1001010000 P 6 Write_data to CGRAM/DDRAM writes ‘H’ 1001001000 PH 7 to 10 : PHILIP writes ‘ILIP’ 11 Write_data to CGRAM/DDRAM writes ‘S’ 1001010011 PHILIPS 12 Entry_mode_set sets mode for display shift at the time of write 0000000111 PHILIPS 13 Write_data to CGRAM/DDRAM writes space 1000100000 HILIPS 14 Write_data to CGRAM/DDRAM writes ‘M’ 1001001101 ILIPS M 15 to 19 : MICROK writes ‘ICROK’ 20 Write_data to CGRAM/DDRAM writes ‘O’ 1001001111 MICROKO 21 Curs_disp_shift shifts only the cursor position to the left 0000010000 MICROKO 22 Curs_disp_shift shifts only the cursor position to the left 0000010000 MICROKO 23 Write_data to CGRAM/DDRAM writes ‘C’ correction; display moves to the left 1001000011 ICROCO 24 Curs_disp_shift shifts the display and cursor to the right 0000011100 MICROCO 25 Curs_disp_shift shifts only the cursor to the right 0000010100 MICROCO 26 Write_data to CGRAM/DDRAM writes ‘M’ 1001001101 ICROCOM 27 Return_home returns both display and cursor to the original position (address 0) 0000000010 PHILIPS M Table 39. 8-bit operation, 1-line display example; using external reset (character set ‘A’) …continued Step Instruction Display Operation RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 |