Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2119AU/2DA/2 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
23 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
9.4 Cursor control circuit
The cursor control circuit generates the cursor underline and/or cursor blink as shown in
Figure 16 at the DDRAM address contained in the address counter.
Fig 16. Cursor and blink display examples
Fig 17. Example of a displays with icons
013aaa139
cursor
5
× 7 dot character font
cursor display example
alternating display
blink display example
cursor
row 17
row 8
row 1
row 2
row 17
row 18
row 8
row 1
row 2
icon 1
icon 5
013aaa156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79