| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP23S09-E/SS Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09-E/SS Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 50 page ![]() © 2009 Microchip Technology Inc. DS22121B-page 17 MCP23009/MCP23S09 1.6.2 INPUT POLARITY REGISTER This register allows the user to configure the polarity on the corresponding GPIO port bits. If a bit is set, the corresponding GPIO register bit will reflect the inverted value on the pin. REGISTER 1-2: IPOL – INPUT POLARITY PORT REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IP7 IP6 IP5 IP4 IP3 IP2 IP1 IP0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 IP7:IP0: Controls the polarity inversion of the input pins <7:0> 1 = GPIO register bit will reflect the opposite logic state of the input pin 0 = GPIO register bit will reflect the same logic state of the input pin |