| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP23S09-E/SS Fiches technique(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09-E/SS Fiches technique(HTML) 28 Page - Microchip Technology |
|
28 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 28 © 2009 Microchip Technology Inc. 1.7.5 INTERRUPT CONDITIONS There are two possible configurations to cause interrupts (configured via INTCON): 1. Pins configured for interrupt-on-pin-change will cause an interrupt to occur if a pin changes to the opposite state. The default state is reset after an interrupt occurs. For example, an interrupt occurs by an input changing from 1 to 0 . The new initial state for the pin is a logic 0. 2. Pins configured for interrupt-on-change from register value will cause an interrupt to occur if the corresponding input pin differs from the register bit. The interrupt condition will remain as long as the condition exists, regardless if the INTAP or GPIO is read. See Figure 1-11 and Figure 1-12 for more information on interrupt operations. FIGURE 1-11: INTERRUPT-ON-PIN- CHANGE FIGURE 1-12: INTERRUPT-ON-CHANGE FROM REGISTER DEFAULT GPx INT ACTIVE ACTIVE Port value is captured into INTCAP Read GPIO or INTCAP Port value is captured into INTCAP INT Port value is captured into INTCAP Read GPIO or INTCAP DEFVAL X X X X X 1 X X GP2 7 6 5 4 3 210 GP: ACTIVE ACTIVE (INT clears only if interrupt condition does not exist.) |