Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23S09-E/SS Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MCP23S09-E/SS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09-E/SS Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MCP23S09-E/SS Datasheet HTML 21Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 22Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 23Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 24Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 25Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 26Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 27Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 28Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 25
MCP23009/MCP23S09
1.6.10
PORT REGISTER
The GPIO register reflects the value on the port.
Reading from this register reads the port. Writing to this
register modifies the Output Latch (OLAT) register.
REGISTER 1-10:
GPIO – GENERAL PURPOSE I/O PORT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
GP7:GP0: Reflects the logic level on the pins <7:0>.
1
=Logic-high
0
= Logic-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50