| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7263BHx Fiches technique(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BHx Fiches technique(HTML) 131 Page - STMicroelectronics |
|
131 / 186 page ![]() ST7263Bxx Instruction set Doc ID 7516 Rev 8 131/186 12.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Long Indirect ld A,[$10.w] 0000..FFFF 00..FF word + 2 Short Indirect Indexed ld A,([$10],X) 00..1FE 00..FF byte + 2 Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct jrne loop PC- 128/PC+127(1) + 1 Relative Indirect jrne [$10] PC- 128/PC+127(1) 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 1. At the time the instruction is executed, the Program Counter (PC) points to the instruction following JRxx. Table 48. ST7 addressing mode overview (continued) Mode Syntax Destination/ source Pointer address Pointer size (Hex.) Length (bytes) Table 49. Inherent instructions Inherent instruction Function NOP No operation TRAP S/W interrupt WFI Wait For Interrupt (Low Power mode) HALT Halt Oscillator (Lowest Power mode) RET Sub-routine Return IRET Interrupt Sub-routine Return SIM Set Interrupt Mask RIM Reset Interrupt Mask SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero |