Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9548/PCBZ Fiches technique(PDF) 107 Page - Analog Devices

No de pièce AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Fiches technique(HTML) 107 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 103Page - Analog Devices AD9548/PCBZ Datasheet HTML 104Page - Analog Devices AD9548/PCBZ Datasheet HTML 105Page - Analog Devices AD9548/PCBZ Datasheet HTML 106Page - Analog Devices AD9548/PCBZ Datasheet HTML 107Page - Analog Devices AD9548/PCBZ Datasheet HTML 108Page - Analog Devices AD9548/PCBZ Datasheet HTML 109Page - Analog Devices AD9548/PCBZ Datasheet HTML 110Page - Analog Devices AD9548/PCBZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
AD9548
Rev. 0 | Page 107 of 112
CALCULATING DIGITAL FILTER COEFFICIENTS
The digital loop filter coefficients (α, β, γ, and δ (see Figure 40))
relate to the time constants (T1, T2, and T3) associated with the
equivalent analog circuit for a third order loop filter (Figure 66).
FROM
CHARGE
PUMP
TO
VCO
R3
C3
C1
C2
Figure 66. Third Order Analog Loop Filter
The design process begins by deciding on two design parameters
related to the second order loop filter shown in Figure 67: the
desired open-loop bandwidth (fP) and phase margin (θ).
FROM
CHARGE
PUMP
TO
VCO
C1
C2
Figure 67. Second Order Analog Loop Filter
An analysis of the second order loop filter leads to its primary
time constant, T1. It can be shown that T1 is expressible in terms of
fP and θ as
)
cos(
)
sin(
1
θ
ω
θ
P
1
T
−
=
where
P
P
f
π
ω
2
=
.
An analysis of the third order loop filter leads to the definition of
another time constant, T3. It can be shown that T3 is expressible in
terms of the desired amount of additional attenuation introduced
by R3 and C3 at some specified frequency offset (fOFFSET) from the
PLL output frequency.
OFFSET
ATTEN
3
T
ω
1
10 10
−
=
where
OFFSET
OFFSET
f
π
ω
2
=
.
Note that ATTEN is the desired excess attenuation in decibels.
Furthermore, ATTEN and ωOFFSET should be chosen so that
P
f
T
5
1
3 ≤
With an expression for T1 and T3, it is possible to define an
adjusted open-loop bandwidth (fC) that is slightly less than fP. It
can be shown that ωC (fC expressed as a radian frequency) is
expressible in terms of T1, T3, and θ (phase margin) as
()
()
()
()
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
+
+
+
+
+
+
+
=
1
)
tan(
1
)
tan(
2
2
2
θ
θ
ω
3
1
3
1
3
1
3
1
3
1
3
1
C
T
T
T
T
T
T
T
T
T
T
T
T
It can also be shown that the adjusted open-loop bandwidth leads
to T2 (the secondary time constant of the second order loop filter)
expressed as
()
3
1
C
2
T
T
T
+
=
2
1
ω
Calculation of the digital loop filter coefficients requires a scaling
constant, K (related to the system clock frequency, fS), and the PLL
feedback divide ratio, D.
S
f
K
33
2
125
,
578
,
517
,
30
=
1
+
+
=
V
U
S
D
where S, U, and V are the integer and fractional feedback divider
values that reside in the profile registers. Keep in mind that the
desired integer feedback divide ratio is one more than the stored
value of S (hence, the +1 term in the equation for D in this
equation). This leads to the digital filter coefficients given by
()
(
) ()
()
()2
2
2
2
1
1
1
2
C
3
C
1
C
1
2
C
T
T
T
K
T
D
T
ω
ω
ω
ω
α
+
+
+
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
=
2
1
S
T
T
f
1
1
32
β
1
S T
f
32
−
=
γ
3
S T
f
32
=
δ
Calculation of the coefficient register values requires the
application of some special functions described as follows:
The if() function
y = if(test_statement, true_value, false_value)
where test_statement is a conditional expression (for example, x <
3), true_value is what y equals if the conditional expression is true,
and false_value is what y equals if the conditional expression is
false.
The round() function
y = round(x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More