Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9548/PCBZ Fiches technique(PDF) 81 Page - Analog Devices

No de pièce AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Fiches technique(HTML) 81 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 77Page - Analog Devices AD9548/PCBZ Datasheet HTML 78Page - Analog Devices AD9548/PCBZ Datasheet HTML 79Page - Analog Devices AD9548/PCBZ Datasheet HTML 80Page - Analog Devices AD9548/PCBZ Datasheet HTML 81Page - Analog Devices AD9548/PCBZ Datasheet HTML 82Page - Analog Devices AD9548/PCBZ Datasheet HTML 83Page - Analog Devices AD9548/PCBZ Datasheet HTML 84Page - Analog Devices AD9548/PCBZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 112 page
background image
AD9548
Rev. 0 | Page 81 of 112
Table 73. Q3 Divider1
Address
Bits
Bit Name
Description
0414
[7:0]
Q3
Q3 divider, Bits[7:0]
0415
[7:0]
Q3 divider, Bits[15:8]
0416
[7:0]
Q3 divider, Bits[23:16]
0417
[7:6]
Unused
[5:0]
Q3
Q3 divider, Bits[29:24]
1 The default value is 0 (or divide by 1).
REFERENCE INPUT CONFIGURATION (REGISTER 0500 TO REGISTER 0507)
Table 74. Reference Power-Down
When all bits are set, the reference receiver section enters a deep sleep mode.
Address
Bits
Bit Name
Description
0500
[7]
Ref DD power-down
REF DD input receiver power-down
0 (default) = normal operation
1 = power-down
[6]
Ref D power-down
REF D input receiver power-down
0 (default) = normal operation
1 = power-down
[5]
Ref CC power-down
REF CC input receiver power-down
0 (default) = normal operation
1 = power-down
[4]
Ref C power-down
REF C input receiver power-down
0 (default) = normal operation
1 = power-down
[3]
Ref BB power-down
REF BB input receiver power-down
0 (default) = normal operation
1 = power-down
[2]
Ref B power-down
REF B input receiver power-down
0 (default) = normal operation
1 = power-down
[1]
Ref AA power-down
REF AA input receiver power-down
0 (default) = normal operation
1 = power-down
[0]
Ref A power-down
REF A input receiver power-down
0 (default) = normal operation
1 = power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More