Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9548/PCBZ Fiches technique(PDF) 66 Page - Analog Devices

No de pièce AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Fiches technique(HTML) 66 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 62Page - Analog Devices AD9548/PCBZ Datasheet HTML 63Page - Analog Devices AD9548/PCBZ Datasheet HTML 64Page - Analog Devices AD9548/PCBZ Datasheet HTML 65Page - Analog Devices AD9548/PCBZ Datasheet HTML 66Page - Analog Devices AD9548/PCBZ Datasheet HTML 67Page - Analog Devices AD9548/PCBZ Datasheet HTML 68Page - Analog Devices AD9548/PCBZ Datasheet HTML 69Page - Analog Devices AD9548/PCBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
AD9548
Rev. 0 | Page 66 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
06C0
Validation
Validation timer (milliseconds) [15:0] (up to 65.5 sec)
00
06C1
00
06C2
Redetect
timeout
Redetect timer (milliseconds) [15:0] (up to 65.5 sec)
00
06C3
00
06C4
Digital loop
filter
coefficients
Alpha-0 linear [15:0]
00
06C5
00
06C6
Alpha-2 exponent [1:0]
Alpha-1 exponent [5:0]
00
06C7
Beta-0 linear [6:0]
Alpha-2
exponent
[2]
00
06C8
Beta-0 linear [14:7]
00
06C9
Unused
Beta-1 exponent [4:0]
Beta-0
linear
[16:15]
00
06CA
Gamma-0 linear [15:0]
00
06CB
00
06CC
Unused
Gamma-1 exponent [4:0]
Gamma-0
linear [16]
00
06CD
Delta-0 linear [7:0]
00
06CE
Delta-1
exponent
[0]
Delta-0 linear [14:8]
00
06CF
Alpha-3 exponent [3:0]
Delta-1 exponent [4:1]
00
06D0
Frequency
multiplica-
tion
R [23:0]
00
06D1
00
06D2
00
06D3
Unused
R [29:24]
00
06D4
S [23:0]
00
06D5
00
06D6
00
06D7
Unused
S [29:24]
00
06D8
V [7:0]
00
06D9
U [3:0]
Unused
V [9:8]
00
06DA
Unused
U [9:4]
00
06DB
Lock
detectors
Phase lock threshold (picoseconds) [15:0]
00
06DC
00
06DD
Phase lock fill rate [7:0]
00
06DE
Phase lock drain rate [7:0]
00
06DF
Frequency lock threshold (picoseconds) [23:0]
00
06E0
00
06E1
00
06E2
Frequency lock fill rate [7:0]
00
06E3
Frequency lock drain rate [7:0]
00
06E4-
06FF
Unused
Profile 4 through Profile 7
0700-
07FF
Profile 4
through
Profile 7
The functionality of the Profile 4 through Profile 7 address locations (Address 0700 to Address 07FF) is identical
to that of the Profile 0 through Profile 3 address locations (Address 0600 to Address 06FF).
Operational controls
0A00
S
General
power-down
Reset Sans
regmap
Unused
SYSCLK
power-
down
Reference
power-
down
TDC
power-
down
DAC
power-
down
Dist
power-
down
Full
power-
down
00
0A01
C
Loop
mode
Unused
User
holdover
User
freerun
User selection mode [1:0]
User reference selection [2:0]
00
0A02
S
Cal/sync
Unused
Sync
distribu-
tion
Calibrate
system
clock
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More