Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9548/PCBZ Fiches technique(PDF) 68 Page - Analog Devices

No de pièce AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Fiches technique(HTML) 68 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 64Page - Analog Devices AD9548/PCBZ Datasheet HTML 65Page - Analog Devices AD9548/PCBZ Datasheet HTML 66Page - Analog Devices AD9548/PCBZ Datasheet HTML 67Page - Analog Devices AD9548/PCBZ Datasheet HTML 68Page - Analog Devices AD9548/PCBZ Datasheet HTML 69Page - Analog Devices AD9548/PCBZ Datasheet HTML 70Page - Analog Devices AD9548/PCBZ Datasheet HTML 71Page - Analog Devices AD9548/PCBZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
AD9548
Rev. 0 | Page 68 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
clamped
available
0D0C
R, C
Ref A
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D0D
R, C
Ref AA
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D0E
R, C
Ref B
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D0F
R, C
Ref BB
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D10
R, C
Ref C
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D11
R, C
Ref CC
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D12
R. C
Ref D
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D13
R, C
Ref DD
Profile
selected
Selected profile [2:0]
Valid
Fault
Fast
Slow
0D14
R, C
Holdover
history
Tuning word readback [47:0]
0D15
R, C
0D16
R, C
0D17
R, C
0D18
R, C
0D19
R, C
Nonvolatile memory (EEPROM) control
0E00
Write protect
Unused
Half rate
mode
Write
enable
00
0E01
E
Condition
Unused
Condition value [4:0]
00
0E02
A, E
Save
Unused
Save to
EEPROM
00
0E03
A, E
Load
Unused
Load from
EEPROM
Unused
00
EEPROM storage sequence
0E10
E
System
clock
Data: 9 bytes
08
0E11
E
Address: 0x0100
01
0E12
E
00
0E13
E
I/O update
Action: IO_Update
80
0E14
E
SYSCLK
calibrate
Action: calibrate system clock
A0
0E15
E
General
Data: 21 bytes
14
0E16
E
Address: 0x0200
02
0E17
E
00
0E18
E
DPLL
Data: 28 bytes
1B
0E19
E
Address: 0x0300
03
0E1A
E
00
0E1B
E
Clock
distribution
Data: 26 bytes
19
0E1C
E
Address: 0x0400
04
0E1D
E
00
0E1E
E
I/O update
Action: IO_Update
80
0E1F
E
Reference
inputs
Data: 8 bytes
07
0E20
E
Address: 0x0500
05
0E21
E
00
0E22
E
Profile 0 and
Profile 1
Data: 100 bytes
63
0E23
E
Address: 0x0600
06
0E24
E
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More