| Moteur de recherche de fiches techniques de composants électroniques |
|
TMC2192 Fiches technique(PDF) 43 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2192 Fiches technique(HTML) 43 Page - Cadeka Microcircuits LLC. |
|
43 / 69 page ![]() PRODUCT SPECIFICATION TMC2192 REV. 1.0.0 8/13/03 43 Control Register Definitions (continued) DAC Control Register (0x10) 76543210 COMPDIS CHROMADIS LUMADIS RESERVED RESERVED OLUTDIS RESERVED Reg Bit Name Description 10 7 COMPDIS Composite D/A Disable. When COMPDIS is LOW, the COMPOSITE D/A is enabled. When COMPDIS is HIGH, the COMPOSITE D/A is disabled. 10 6 CHROMADIS Chroma D/A Disable. When CHROMADIS is LOW, the CHROMA D/A is enabled. When CHROMADIS is HIGH, the CHROMA D/A is disabled. 10 5 LUMADIS LUMA D/A Disable. When LUMADIS is LOW, the LUMA D/A is enabled. When LUMADIS is HIGH, the LUMA D/A is disabled. 10 4-3 RESERVED Set to 0. 10 2 OLUTDIS Overlay LUT Disable. When OLUTDIS is LOW, the olut is enabled. When OLUTDIS is HIGH, the olut is disabled. 10 1-0 RESERVED Program Low |