Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMC2192 Fiches technique(PDF) 59 Page - Cadeka Microcircuits LLC.

No de pièce TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CADEKA [Cadeka Microcircuits LLC.]
Site Internet  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Fiches technique(HTML) 59 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 57Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 58Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 63Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
59
Control Register Definitions (continued)
Subcarrier Register (0x4A)
76543210
BRST2
Reg
Bit
Name
Description
4A
7-0
BRST2
Burst Height – 2nd Intermediate Value.
The 8 bit value assigned to U burst component in NTSC and to the U and V
components in PAL for the second intermediate value of the burst
envelope. The value programmed into BRST2 needs to be .707 of the
magnitude of the burst vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69