| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-3000/4M Fiches technique(PDF) 28 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000/4M Fiches technique(HTML) 28 Page - BOSER Technology Co., Ltd |
|
28 / 46 page ![]() 22 CN4: Keylock and Power LED Connector PIN Description 1 Power LED 2 N/C 3 GND 4 Keylock 5 GND 12 34 5 CN6: IDE LED Connector PIN Description 1 VCC 2 HDD Active 1 2 3.14 Floppy Disk Drive Connector The HS-3000/4M uses a standard 34-pin header connector, CN7, for floppy disk drive connection. A total of two FDD drives may be connected at any given time. CN7: Floppy Connector PIN Description PIN Description 1 GND 2 Reduce Write 3 GND 4 N/C 5 GND 6 N/C 7 GND 8 Index# 9 GND 10 MTR0# 11 GND 12 DS1# 13 GND 14 DS0# 15 GND 16 MTR1# 17 GND 18 Direction# 19 GND 20 Step# 21 GND 22 Write Data# 23 GND 24 Write Gate# 25 GND 26 Track 0# 27 GND 28 Write Protect# 29 N/C 30 Read Data# 31 GND 32 HDSEL# 33 N/C 34 Disk Change# 1 2 34 33 |