Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS-3000/4M Fiches technique(PDF) 13 Page - BOSER Technology Co., Ltd

No de pièce HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSER [BOSER Technology Co., Ltd]
Site Internet  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Fiches technique(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 17Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
7
Chapter 3
Hardware Installation
This chapter provides the information on how to install the hardware
using the HS-3000/4M. This chapter also contains information related
to jumper settings of switch, watchdog timer, and the DiskOnChip
address selection etc.
3.1 Before Installation
After confirming your package contents, you are now ready to install
your hardware. The following are important reminders and steps to take
before you begin with your installation process.
1. Make sure that all jumper settings match their default settings
and CMOS setup correctly. Refer to the sections on this chapter
for the default settings of each jumper.
2. Go through the connections of all external devices and make
sure that they are installed properly and configured correctly
within the CMOS setup. Refer to the sections on this chapter for
the detailed information on the connectors.
3. Keep the manual and diskette in good condition for future
reference and use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46