| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-3000/4M Fiches technique(PDF) 8 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000/4M Fiches technique(HTML) 8 Page - BOSER Technology Co., Ltd |
|
8 / 46 page ![]() 2 The board design with 65545 CRT/Panel display controller provides internal connections to CRT or Panel. The VGA provides up to 1024 x 768 x 16 colors resolution. If a non-expect program cause halts, the onboard Watchdog Timer (WDT) will automatically reset the CPU or generate an interrupt. The WDT is designed with pure hardware and doesn’t need any arithmetical functions of a real-time clock chip. This ensures the reliability in an unmanned or standalone system. 1.1 Major Features The HS-3000/4M comes with the following features: Intel ® 386SX compatible CPU One SIMM socket with a max. capacity of 16MB and 4MB RAM onboard ALi M6117C system chipset SMC 37C669 super I/O chipset C&T 65545 CRT/Panel display controller Four COM connectors PC/104 Bus connector DiskOnChip TM socket supporting memory sizes of up to 288MB Single +5V power in |