| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-3000 Fiches technique(PDF) 5 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000 Fiches technique(HTML) 5 Page - BOSER Technology Co., Ltd |
|
5 / 46 page ![]() S SSa aafffe eettty yy IIIn nnssstttrrru uuccctttiiio oon nnsss Integrated circuits on computer boards are sensitive to static electricity. To avoid damaging chips from electrostatic discharge, observe the following precautions: Do not remove boards or integrated circuits from their anti-static packaging until you are ready to install them. Before handling a board or integrated circuit, touch an unpainted portion of the system unit chassis for a few seconds. This helps to discharge any static electricity on your body. Wear a wrist-grounding strap, available from most electronic component stores, when handling boards and components. Fasten the ALLIGATOR clip of the strap to the end of the shielded wire lead from a grounded object. Please wear and connect the strap before handle the HS-3000/4M to ensure harmlessly discharge any static electricity through the strap. Please use an anti-static pad when putting down any components or parts or tools outside the computer. You may also use an anti-static bag instead of the pad. Please inquire from your local supplier for additional assistance in finding the necessary anti-static gadgets. NOTE: DO NOT TOUCH THE BOARD OR ANY OTHER SENSITIVE COMPONENTS WITHOUT ALL NECESSARY ANTI-STATIC PROTECTION. |